Part Number Hot Search : 
G240128 KGF1321S 10013 SIT9122 HI1176 CF0AKR DS1884AT BLACK
Product Description
Full Text Search
 

To Download 2SA1215 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAPT
2SA1215
Application : Audio and General Purpose
(Ta=25C) 2SA1215 -100max -100max -160min 50min -2.0max 50typ 400typ V MHz pF
20.0min 4.0max 2 3 1.05 +0.2 -0.1 5.450.1 5.450.1 B C E 0.65 +0.2 -0.1 3.0 +0.3 -0.1
Silicon PNP Epitaxial Planar Transistor (Complement to type 2SC2921) sAbsolute maximum ratings (Ta=25C)
Symbol VCBO VCEO VEBO IC IB PC Tj Tstg 2SA1215 -160 -160 -5 -15 -4 150(Tc=25C) 150 -55 to +150 Unit V V V A A W C C
sElectrical Characteristics
Symbol ICBO IEBO V(BR)CEO hFE VCE(sat) fT COB Conditions VCB=-160V VEB=-5V IC=-25mA VCE=-4V, IC=-5A IC=-5A, IB=-0.5A VCE=-12V, IE=2A VCB=-10V, f=1MHz
External Dimensions MT-200
36.40.3 24.40.2 2-o3.20.1 9 7 21.40.3 2.1 6.00.2
Unit
A A
V
a b
hFE Rank O(50 to 100), P(70 to 140), Y(90 to 180)
sTypical Switching Characteristics (Common Emitter)
VCC (V) -60 RL () 12 IC (A) -5 VB2 (V) 5 IB1 (mA) -500 IB2 (mA) 500 ton (s) 0.25typ tstg (s) 0.85typ tf (s) 0.2typ
Weight : Approx 18.4g a. Type No. b. Lot No.
IC - VCE Characteristics (Typical)
A A A m A 0m 0m 0m 0m 50 -60 -50 -40 -30 -7
VCE( sat ) - IB Characteristics (Typical)
Collector-Emitter Saturation Voltage V C E (s at)( V ) -3
IC - V BE Temperature Characteristics (Typical)
-15 (V C E= -4V)
-16
A
-12 Collector Current I C (A)
-1 50 m A
-10 0mA
Collector Current I C( A)
-200
mA
-2
-10
-8
p)
) emp
eT
C (
-4
(Ca
0
0
-1
-2
-3
-4
0
0
-0.2
-0.4
-0.6
-0.8
-1.0
0
0
-1 Base-Emittor Voltage V B E( V)
-30
IB=-20mA
-5A
125
25C
C (
Cas
IC=-10A
Cas
-50mA
-1
-5
se T
e Te
mp)
em
-2
Collector-Emitter Voltage V C E( V)
Base Current I B( A)
hFE - I C Characteristics (Typical)
(V C E= -4V) 200 DC Curr ent Gain h FE
hFE - I C Temperature Characteristics (Typical)
(V C E= -4V) 200 125C DC Curr ent Gain h FE
j- a( C/W)
Transient Thermal Resistance
j-a - t Characteristics
2
1
100
Typ
100
25C -30C
0.5
50
50
10 -0.02
-0.1
-0.5
-1
-5 -10 -15
30 -0.02
-0.1
-0.5
-1
-5
-10 -15
0.1
1
10
100 Time t(ms)
1000 2000
Collector Current I C( A)
Collector Current I C( A)
fT - IE Characteristics (Typical)
(VCE=-12V) 80 -40
Safe Operating Area (Single Pulse)
160
P c - T a Derating
60 Collector Curr ent I C( A)
Ty p
Ma xim um Powe r Dissipat io n P C( W)
10
Cut- off F req uency f T( MH Z)
m s
-10
D C
120
W ith In
-5
fin ite
40
80
he at si nk
-1 -0.5 Without Heatsink Natural Cooling
20
40
Without Heatsink 0 0.02 0.1 1 10 -0.2 -2 -10 -100 -200 5 0 0 25 50 75 100 125 150
Emitter Current I E( A)
Collector-Emitter Voltage V C E( V)
Ambient Temperature Ta(C)
12


▲Up To Search▲   

 
Price & Availability of 2SA1215

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X